| データシートサーチシステム |
|
SPSB081C3 データシート(PDF) 95 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB081C3 データシート(HTML) 95 Page - STMicroelectronics |
|
95 / 135 page ![]() Bit Name Description 19 0 0 1 ton2 0 1 0 ton3 0 1 1 ton4 1 0 0 ton5 1 0 1 invalid setting; command is ignored and SPI INV CMD is set T2 ON_0 18 T2 PER_2 Configuration of Timer 2 Period (1): 0 0 0 T1 (default) 0 0 1 T2 0 1 0 T3 0 1 1 T4 1 0 0 T5 1 0 1 T6 1 1 0 T7 1 1 1 T8 17 T2 PER_1 16 T2 PER_0 15 RES Reserved 14 RES Reserved 13 T1 ON_2 Configuration of Timer 1 on-time(1): 0 0 0 ton1 (default) 0 0 1 ton2 0 1 0 ton3 0 1 1 ton4 1 0 0 ton5 1 0 1 invalid setting; command is ignored and SPI INV CMD is set 1 1 0 invalid setting; command is ignored and SPI INV CMD is set 1 1 1 invalid setting; command is ignored and SPI INV CMD is set 12 T1 ON_1 11 T1 ON_0 10 T1 PER_2 Configuration of Timer 1 Period(1): 0 0 0 T1 (default) 0 0 1 T2 0 1 0 T3 0 1 1 T4 1 0 0 T5 1 0 1 T6 1 1 0 T7 1 1 1 T8 9 T1 PER_1 8 T1 PER_0 7 V1 RESET_1 Voltage regulator V1 reset level: 0 0 : VRT4 (default) 0 1 VRT3 1 0 VRT2 1 1 VRT1 6 V1 RESET_0 5 V1_OVP Voltage Regulator V1 Overvoltage Protection set 0 = disabled 1 = enabled (default) 4 WD_TIME Window Watchdog Trigger Time 0 TSW1 (default) SPSB081 Control registers DS14048 - Rev 1 page 95/135 |