| データシートサーチシステム |
|
STA8090FG データシート(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA8090FG データシート(HTML) 16 Page - STMicroelectronics |
|
16 / 41 page ![]() Pin description STA8090FG 16/41 DS10719 Rev 6 2.8 General purpose pins MMC_D0 VDDIO_R2 I/O AF0 (default) MMC_D0 Multimedia card data 0 L4 O AF1 i2s_out_sclk MSP serial clock output I/O AF2 I2C_SD I2C serial data I/O AF3 GPIO20 General purpose I/O #20 MMC_D1 VDDIO_R2 I/O AF0 (default) MMC_D1 Multimedia card data 1 K4 I AF1 i2s_in_sdata MSP serial data input O AF2 Sign GC GLONASS and BeiDou 3-bit coding output (Sign) I/O AF3 GPIO21 General purpose I/O #21 MMC_D2 VDDIO_R2 I/O AF0 (default) MMC_D2 Multimedia card data 2 J3 I/O AF1 Reserved Reserved I AF2 CAN0_RX(1) CAN0 receive data input I/O AF3 Tsense External temperature capture port MMC_D3 VDDIO_R2 I/O AF0 (default) MMC_D3 Multimedia card data 2 H3 I/O AF1 Reserved Reserved O AF2 Sign GG GPS 3-bit coding output (Sign) I/O AF3 GPIO23 General purpose I/O #23 1. Only for STA8090FGB. Table 8. Multimedia card pins (continued) Symbol I/O voltage I/O Alternative function Function Description STA8090FG Table 9. General purpose pins Symbol I/O voltage I/O Alternative function Function Description STA8090FG GPIO0 VDDIO_R1 I/O AF0 (default) GPIO0 General purpose I/O #0 B8 I AF1 PPS_IN Pulse per second input O AF2 Timer_OCMPB Extended Function Timer – Output Compare B O AF3 Mag_0 GC GLONASS and BeiDou 3-bit coding Output (MAG0) |