データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VNH7040AY データシート(PDF) 7 Page - STMicroelectronics

部品番号 VNH7040AY
部品情報  Automotive fully integrated H-bridge motor driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7040AY データシート(HTML) 7 Page - STMicroelectronics

Back Button VNH7040AY Datasheet HTML 3Page - STMicroelectronics VNH7040AY Datasheet HTML 4Page - STMicroelectronics VNH7040AY Datasheet HTML 5Page - STMicroelectronics VNH7040AY Datasheet HTML 6Page - STMicroelectronics VNH7040AY Datasheet HTML 7Page - STMicroelectronics VNH7040AY Datasheet HTML 8Page - STMicroelectronics VNH7040AY Datasheet HTML 9Page - STMicroelectronics VNH7040AY Datasheet HTML 10Page - STMicroelectronics VNH7040AY Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
DocID028118 Rev 5
7/48
VNH7040AY
Block diagram and pin description
47
Figure 2. Configuration diagram (top view)
Power limitation
Limits the power dissipation of the high-side driver inside
safe range in case of short to ground condition.
Open-load in OFF-state
Signalize an open-load when the switches are off by a
feedback on the MultiSense
Tchip monitoring
Provides a signal linked to the Chip temperature by a
feedback on the MultiSense
VCC monitoring
Provides a signal linked to the Chip temperature by a
feedback on the MultiSense
Table 2. Suggested connections for unused and not connected pins
Connection / pin
MultiSense
N.C.
SOURCE_HSx
DRAIN_LSx
INPUTx, PWM
SELx
MultiSense_EN
Floating
Not allowed
X
X
X
X
To ground
Through 1 k
resistor
X
Not allowed
X
Through 15 k
resistor
Table 1. Block description (continued)
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48