データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDA802B データシート(PDF) 10 Page - STMicroelectronics

部品番号 FDA802B
部品情報  2x150 W/1x300 W class D digital input automotive power amplifier with load value recognition and low voltage operation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA802B データシート(HTML) 10 Page - STMicroelectronics

Back Button FDA802B Datasheet HTML 4Page - STMicroelectronics FDA802B Datasheet HTML 5Page - STMicroelectronics FDA802B Datasheet HTML 6Page - STMicroelectronics FDA802B Datasheet HTML 7Page - STMicroelectronics FDA802B Datasheet HTML 8Page - STMicroelectronics FDA802B Datasheet HTML 9Page - STMicroelectronics FDA802B Datasheet HTML 10Page - STMicroelectronics FDA802B Datasheet HTML 11Page - STMicroelectronics FDA802B Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package information
FDA802B
10/12
DocID030735 Rev 2
3.2
LQFP64 (10x10x1.4 mm exp. pad up) marking information
Figure 4. LQFP64 (10x10x1.4 mm exp. pad up) marking information
Parts marked as ‘ES’ are not yet qualified and therefore not approved for use in production.
ST is not responsible for any consequences resulting from such use. In no event will ST be
liable for the customer using any of these engineering samples in production. ST’s Quality
department must be contacted to run a qualification activity prior to any decision to use
these engineering samples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12