データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDA802S-VYY データシート(PDF) 2 Page - STMicroelectronics

部品番号 FDA802S-VYY
部品情報  2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA802S-VYY データシート(HTML) 2 Page - STMicroelectronics

  FDA802S-VYY Datasheet HTML 1Page - STMicroelectronics FDA802S-VYY Datasheet HTML 2Page - STMicroelectronics FDA802S-VYY Datasheet HTML 3Page - STMicroelectronics FDA802S-VYY Datasheet HTML 4Page - STMicroelectronics FDA802S-VYY Datasheet HTML 5Page - STMicroelectronics FDA802S-VYY Datasheet HTML 6Page - STMicroelectronics FDA802S-VYY Datasheet HTML 7Page - STMicroelectronics FDA802S-VYY Datasheet HTML 8Page - STMicroelectronics FDA802S-VYY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
FDA802S is fully configurable through I2C bus interface and integrates a complete
diagnostics array specially intended for automotive applications. Thanks to the
solutions implemented to solve the EMI problems, the device is intended to be
used in the standard single DIN car-radio box together with the tuner. Moreover the
FDA802S is able to work with power supply as low as 5.5 V, thus supporting the most
recent low voltage ('start-stop') car-makers specification.
FDA802S
DB4552 - Rev 1
page 2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15