データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDA901-VYY データシート(PDF) 4 Page - STMicroelectronics

部品番号 FDA901-VYY
部品情報  4 x 50 W class-D digital input automotive power amplifier with load current monitoring and low voltage operation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA901-VYY データシート(HTML) 4 Page - STMicroelectronics

  FDA901-VYY Datasheet HTML 1Page - STMicroelectronics FDA901-VYY Datasheet HTML 2Page - STMicroelectronics FDA901-VYY Datasheet HTML 3Page - STMicroelectronics FDA901-VYY Datasheet HTML 4Page - STMicroelectronics FDA901-VYY Datasheet HTML 5Page - STMicroelectronics FDA901-VYY Datasheet HTML 6Page - STMicroelectronics FDA901-VYY Datasheet HTML 7Page - STMicroelectronics FDA901-VYY Datasheet HTML 8Page - STMicroelectronics FDA901-VYY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
1.2
Pins description
Figure 2. Pins connection diagram (top view)
GAPGPS01766
1
2
3
5
6
4
7
8
9
10
22
11
21 20 19 18 17
54 55 56 57
59
58
60 61 62 63 64
43
42
41
39
38
40
48
47
46
44
45
27 26 25 24 23
53
52
51
50
49
32 31 30 29 28
37
36
34
33
35
12
13
14
15
16
FB4+
OUT4+
OUT4+
VCC4+
VCC4-
OUT4-
OUT4-
FB4-
GND4-
GND3-
FB3-
OUT3-
OUT3-
VCC3-
VCC3+
OUT3+
FB2+
OUT2+
OUT2+
VCC2+
VCC2-
OUT2-
OUT2-
FB2-
GND2-
GND1-
FB1-
OUT1-
OUT1-
VCC1-
VCC1+
OUT1+
Table 1. Pins list description
N#
Pin
Function
1
FB2+
Channel 2, half bridge plus, Feedback
2
OUT2+
Channel 2, half bridge plus, Output
3
OUT2+
Channel 2, half bridge plus, Output
4
VCC2+
Channel 2, half bridge plus, Power Supply
5
VCC2-
Channel 2, half bridge minus, Power Supply
6
OUT2-
Channel 2, half bridge minus, Output
7
OUT2-
Channel 2, half bridge minus, Output
8
FB2-
Channel 2, half bridge minus, Feedback
9
GND2-
Channel 2, half bridge minus, Power Ground
10
GND1-
Channel 1, half bridge minus, Power Ground
11
FB1-
Channel 1, half bridge minus, Feedback
12
OUT1-
Channel 1, half bridge minus, Output
13
OUT1-
Channel 1, half bridge minus, Output
14
VCC1-
Channel 1, half bridge minus, Power Supply
FDA901
Pins description
DB3856 - Rev 1
page 4/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17