データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9177 データシート(PDF) 47 Page - STMicroelectronics

部品番号 L9177
部品情報  Peripheral on chip for low end engine control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177 データシート(HTML) 47 Page - STMicroelectronics

Back Button L9177 Datasheet HTML 41Page - STMicroelectronics L9177 Datasheet HTML 42Page - STMicroelectronics L9177 Datasheet HTML 43Page - STMicroelectronics L9177 Datasheet HTML 44Page - STMicroelectronics L9177 Datasheet HTML 45Page - STMicroelectronics L9177 Datasheet HTML 46Page - STMicroelectronics L9177 Datasheet HTML 47Page - STMicroelectronics L9177 Datasheet HTML 48Page - STMicroelectronics L9177 Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
DocID17617 Rev 1
47/49
L9177
Package information
48
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 39. PowerSO46 mechanical data and package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49