データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9961 データシート(PDF) 37 Page - STMicroelectronics

部品番号 L9961
部品情報  Battery management system solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 データシート(HTML) 37 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 33Page - STMicroelectronics L9961 Datasheet HTML 34Page - STMicroelectronics L9961 Datasheet HTML 35Page - STMicroelectronics L9961 Datasheet HTML 36Page - STMicroelectronics L9961 Datasheet HTML 37Page - STMicroelectronics L9961 Datasheet HTML 38Page - STMicroelectronics L9961 Datasheet HTML 39Page - STMicroelectronics L9961 Datasheet HTML 40Page - STMicroelectronics L9961 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 63 page
background image
3.8.2.1
Electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
VB according operating range of Table 4; TJ according operating range of Table 7.
Table 28. Digital output electrical characteristics
Symbol
Parameter
Test
conditions
Min.
Typ.
Max.
Unit
Pin
TFAULTN_LOW
FAULTN input filter time
for secondary protector
activation detection
Tested by
SCAN
17
21
25
μs
FAULTN
L9961
Digital IOs (RDY/SDA/SCL/FAULTN_SAFE/FAULTN/OD)
DS14012 - Rev 1
page 37/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63