データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9963T データシート(PDF) 20 Page - STMicroelectronics

部品番号 L9963T
部品情報  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T データシート(HTML) 20 Page - STMicroelectronics

Back Button L9963T Datasheet HTML 16Page - STMicroelectronics L9963T Datasheet HTML 17Page - STMicroelectronics L9963T Datasheet HTML 18Page - STMicroelectronics L9963T Datasheet HTML 19Page - STMicroelectronics L9963T Datasheet HTML 20Page - STMicroelectronics L9963T Datasheet HTML 21Page - STMicroelectronics L9963T Datasheet HTML 22Page - STMicroelectronics L9963T Datasheet HTML 23Page - STMicroelectronics L9963T Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
3.3
Device functional states
3.3.1
L9963T FSM
The following picture shows all L9963T possible states.
Figure 12. L9963T FSM
Different state transition sequences occur according to the following different scenarios:
•
First power up: Reset state → Stand-by state → Regulators enabling state → Trimming & Config
Latch → Normal state (see Figure 13). The first power up sequence lasts TFIRST_POWERUP.
•
Wake up: Stand-by state → Regulators enabling state → Normal state. See Figure 14 for an example of
the wake up sequence triggered by a frame received on the vertical interface. In case of wake up triggered
by DIS release, the state transition is the same. The wake up sequence lasts TWAKEUP.
•
Go To Sleep: Normal state → Regulators disabling state → Stand-by state. The go to sleep sequence
lasts TGO2SLP.
L9963T
Device functional states
DS13590 - Rev 4
page 20/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45