| データシートサーチシステム |
|
L9963T-TR データシート(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9963T-TR データシート(HTML) 35 Page - STMicroelectronics |
|
35 / 45 page ![]() Figure 19. Centralized BMS in dual access ring topology 4.3.2 Generic application Figure 20 represents a generic application scenario where a master MCU communicates with a generic slave IC located on a different PCB. Communication occurs via two L9963T: • An L9963T configured as slave translates the SPI frames of the MCU to isolated SPI signals. • The second L9963T on the right side is configured as SPI Master (NSLAVE = 1) pushing the frames to the slave IC, and sending the information backward. Figure 20. Generic application L9963T Communication scenarios DS13590 - Rev 4 page 35/45 |