| データシートサーチシステム |
|
STA710ECTR データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA710ECTR データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 7 page ![]() 2 Electrical specification 2.1 Absolute maximum ratings Table 1. Absolute maximum ratings Symbol Parameter Test condition Min Typ Max Units VCC Abs. supply voltage - -0.5 - 3.6 V Tstg Storage temperature - -55 - 150 °C VESD ESD absolute minimum withstand voltage Human Body model >|±2000|(1) V Charged device model >|±500|(2) Charged device model, corner pins >|±750| - Max. input current at any pin (latch-up characteristic) IINMAX ±100 mA 1. |±1000| on AM_IN pin 2. |±400| on AM_IN pin 2.2 Thermal data Table 2. Thermal data Symbol Parameter Test Condition Value Units Rth j-amb Thermal Resistance junction-to-ambient Multilayer 2s2p as per JEDEC JESD51-7 27 °C / W Thermally optimized multilayer 2s2p board 22 2.3 General key parameters Table 3. General key parameters Symbol Parameter Test Condition Min Typ Max Units VCC 3.3 V supply voltage 3.15 3.3 3.45 V ICC Supply current Two active RF channels,I2S baseband interface activated, VCC = 3.45 V - - 483 mA Two active RF channels, JESD204b interface activated (10 pF load), VCC = 3.45 V - - 504 Tamb Ambient Temperature Range - -40 - 85 °C Tj_oper Operative Junction Temp - - - 125 °C Pdiss Dissipated power Two active RF channels, Rext = 12 Ohm, I2S baseband interface activated - - 1.4 W Two active RF channels, Rext = 12 Ohm, JESD204b interface activated - - 1.5 STA710 Electrical specification DB3858 - Rev 2 page 3/7 |