データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7562BEP データシート(PDF) 21 Page - STMicroelectronics

部品番号 TDA7562BEP
部品情報  4 x 46 W multifunction quad power amplifier with built-in diagnostics features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7562BEP データシート(HTML) 21 Page - STMicroelectronics

Back Button TDA7562BEP Datasheet HTML 17Page - STMicroelectronics TDA7562BEP Datasheet HTML 18Page - STMicroelectronics TDA7562BEP Datasheet HTML 19Page - STMicroelectronics TDA7562BEP Datasheet HTML 20Page - STMicroelectronics TDA7562BEP Datasheet HTML 21Page - STMicroelectronics TDA7562BEP Datasheet HTML 22Page - STMicroelectronics TDA7562BEP Datasheet HTML 23Page - STMicroelectronics TDA7562BEP Datasheet HTML 24Page - STMicroelectronics TDA7562BEP Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
DocID028961 Rev 1
21/34
TDA7562BEP
Application suggestion
33
5
Application suggestion
5.1
PC-board hints
The exposed pad package doesn't require any particular care compared with the ST
standard Flexiwatt package. For particular PCB configurations, in order to maximize the
rejection against any disturbances coming from the battery line (SVR), it is suggested to use
one of the following IC metal slug (heat-sink) connections:
leave the slug simply electrically isolated from the PCB ground;
in case of 2 layers board, connect the slug to the PCB power ground (P-GND) and not
to the signal ground (S-GND).
In case of a PCB with a layer dedicated to grounding (wide / diffused GND area with no
distinction between P-GND and S-GND) connect the slug to the common board ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34