| データシートサーチシステム |
|
4117WZ2012VDC1.0 データシート(PDF) 1 Page - DB Lectro Inc |
|
|
|||||||||||||||||||||||||||||
4117WZ2012VDC1.0 データシート(HTML) 1 Page - DB Lectro Inc |
|
1 / 2 page ![]() Features Superminiature, heavy power. Low coil power consumption. Switching current up to 2 ×10A. PC board mounting. Suitable for household appliance, electrical equipment, automation system, and automobile industry application. Ordering Information 4117 C S 10 12VDC 1.0 1 2 3 4 5 6 1 Part number:4117 2 Contact arrangement:A:1A;B:1B;C:1C;U:IU;W:1W 3 Enclosure:S: Sealed type;Z: Dust cover O: open type 4 Contact Current:10:10A;20:20A 5 Coil rated Voltage(V):DC:3,5,6,9,12,18,24 6 Coil power consumption:1.0:1.0W;1.2:1.2W Contact Data Contact Arrangement 1A SPSTNO f1C SPDT(B-M) f1U SPSTNODM f1W SPDTNC-NO Contact Material Ag SnO 2 Contact Rating (resistive) 1A f1C: 10A/120VAC,28VDC 20A/14VDC ; 1U: 2 ×10A/120VAC,28VDC 2×20A/14VDC ; 1W: 2 ×10A/120VAC,28VDC 2×20A/14VDC Max. Switching Power 1C: 280W 1200VA 1W: 2 y280W 2y1200VA Max. Switching Voltage 75VDC 380VAC Max. Switching Current:20A Contact Resistance or Voltage drop 50m Item 3.12 of IEC255-7 Electrical 10 5 Item 3.30 of IEC255-7 Operation life Mechanical 10 7 Item 3.31 of IEC255-7 Coil Parameter Coil voltage VDC Dash Numbers Rated Max. Coil resistance ±10% Pickup voltage VDC(max) (75%of rated voltage ) release voltage VDC(min) (10% of rated voltage) Coil power consumption W Operate Time ms Release Time ms 003-1000 3 3.9 9 2.25 0.3 005-1000 5 6.5 25 3.75 0.5 006-1000 6 7.8 36 4.50 0.6 009-1000 9 11.7 85 6.75 0.9 012-1000 12 15.6 145 9.00 1.2 018-1000 18 23.4 324 13.5 1.8 024-1000 24 31.2 576 18.0 2.4 1.0 10 5 012-1200 12 15.6 120 9.00 1.2 1.2 10 5 CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.Pickup and release voltage are for test purposes only and are not to be used as design criteria. 115 4117 Open Type >>>>>Dust Covered >> 13.2 ×14×18 18 ×16.4×20 www.dblectro.com |
同様の部品番号 - 4117WZ2012VDC1.0 |
|
同様の説明 - 4117WZ2012VDC1.0 |