| データシートサーチシステム |
|
ICS94235YFT データシート(PDF) 19 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS94235YFT データシート(HTML) 19 Page - Integrated Circuit Systems |
|
19 / 19 page ![]() ICS94235 Third party brands and names are the property of their respective owners. Ordering Information ICS94235yGT ICS XXXX y G - T MIN MAX MIN MAX A - 1.20 - .047 A1 0.05 0.15 .002 .006 A2 0.80 1.05 .032 .041 b 0.17 0.27 .007 .011 c 0.09 0.20 .0035 .008 D E E1 6.00 6.20 .236 .244 e 0.50 BASIC 0.020 BASIC L 0.45 0.75 .018 .30 N 0 ° 8 ° 0 ° 8 ° aaa - 0.10 - .004 VARIATIONS MIN MAX MIN MAX 48 12.40 12.60 .488 .496 MO-153 JEDEC Doc.# 10-0039 7/6/00 Rev B SYMBOL SEE VARIATIONS SEE VARIATIONS In Millimeters COMMON DIMENSIONS In Inches COMMON DIMENSIONS SEE VARIATIONS 8.10 BASIC 0.319 N D mm. D (inch) SEE VARIATIONS |