データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VL53L1 データシート(PDF) 6 Page - STMicroelectronics

部品番号 VL53L1
部品情報  New generation Time-of-Flight ranging sensor with advanced multi-zone and multi-object detection
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1 データシート(HTML) 6 Page - STMicroelectronics

Back Button VL53L1 Datasheet HTML 2Page - STMicroelectronics VL53L1 Datasheet HTML 3Page - STMicroelectronics VL53L1 Datasheet HTML 4Page - STMicroelectronics VL53L1 Datasheet HTML 5Page - STMicroelectronics VL53L1 Datasheet HTML 6Page - STMicroelectronics VL53L1 Datasheet HTML 7Page - STMicroelectronics VL53L1 Datasheet HTML 8Page - STMicroelectronics VL53L1 Datasheet HTML 9Page - STMicroelectronics VL53L1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Product overview
VL53L1
6/39
DocID029631 Rev 12
1.4
Application schematic
Figure 3 shows the application schematic of the VL53L1.
Figure 3. VL53L1 schematic
Note:
Capacitors on external supply AVDD should be placed as close as possible to the
AVDDVCSEL and AVSSVCSEL module pins.
Note:
External pull-up resistor values can be found in I2C-bus specification. Pull-ups are typically
fitted only once per bus, near the host. For suggested values see Table 3 and Table 4.
Note:
XSHUT pin must always be driven to avoid leakage current. A pull-up is needed if the host
state is not known.
XSHUT is needed to use HW standby mode (no I2C communication).
Note:
XSHUT and GPIO1 pull up recommended values are 10 kOhms
Note:
GPIO1 to be left unconnected if not used
Rserial
Rserial
For hardware interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39