データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STUSB4761 データシート(PDF) 22 Page - STMicroelectronics

部品番号 STUSB4761
部品情報  Standalone USB PD controller with integrated CC/CV for AC/DC applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4761 データシート(HTML) 22 Page - STMicroelectronics

Back Button STUSB4761 Datasheet HTML 18Page - STMicroelectronics STUSB4761 Datasheet HTML 19Page - STMicroelectronics STUSB4761 Datasheet HTML 20Page - STMicroelectronics STUSB4761 Datasheet HTML 21Page - STMicroelectronics STUSB4761 Datasheet HTML 22Page - STMicroelectronics STUSB4761 Datasheet HTML 23Page - STMicroelectronics STUSB4761 Datasheet HTML 24Page - STMicroelectronics STUSB4761 Datasheet HTML 25Page - STMicroelectronics STUSB4761 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
7.1
QFN 16 (3x3 mm), pitch 0.50 package information
Figure 9. QFN 16 (3x3 mm) package outline
STUSB4761
Package information
DS13141 - Rev 3
page 22/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29