| データシートサーチシステム |
|
L99MOD54XP データシート(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99MOD54XP データシート(HTML) 31 Page - STMicroelectronics |
|
31 / 35 page ![]() DS12616 Rev 4 31/35 L99MOD54XP Package and packing information 34 6 Package and packing information 6.1 ECOPACK In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages, depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark. 6.2 PowerSSO-36 package information Figure 13. PowerSSO-36 package dimensions Table 20. PowerSSO-36 mechanical data Symbol Millimeters Min. Typ. Max. A 2.15 - 2.47 A2 2.15 - 2.40 a1 0 - 0.075 b 0.18 - 0.36 c 0.23 - 0.32 D 10.10 - 10.50 E 7.4 - 7.6 e - 0.5 - |