データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM8805 データシート(PDF) 40 Page - STMicroelectronics

部品番号 PM8805
部品情報  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 データシート(HTML) 40 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 36Page - STMicroelectronics PM8805 Datasheet HTML 37Page - STMicroelectronics PM8805 Datasheet HTML 38Page - STMicroelectronics PM8805 Datasheet HTML 39Page - STMicroelectronics PM8805 Datasheet HTML 40Page - STMicroelectronics PM8805 Datasheet HTML 41Page - STMicroelectronics PM8805 Datasheet HTML 42Page - STMicroelectronics PM8805 Datasheet HTML 43Page - STMicroelectronics PM8805 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
Thermal aspects
PM8805
40/48
DS12813 Rev 2
5.2
Overtemperature protection
If OTP occurs, the Classification buffers or the hot swap MOSFET are turned off. The PGD
signal is reset (low) and the MPS current is forced off. The VB regulator is also turned off.
The charge pump is kept on, and the control logic of the input bridge is kept active, so that
the conducting MOSFETs are kept on.
When the junction temperature goes below about 130 °C, the converter starts automatically,
without recycling the input voltage and with the internal state stored before OT protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48