データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX4635 データシート(PDF) 9 Page - Cirrus Logic

部品番号 MAX4635
部品情報  Multiplexing the CS556x/7x/8x Delta-Sigma ADCs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MAX4635 データシート(HTML) 9 Page - Cirrus Logic

Back Button MAX4635 Datasheet HTML 2Page - Cirrus Logic MAX4635 Datasheet HTML 3Page - Cirrus Logic MAX4635 Datasheet HTML 4Page - Cirrus Logic MAX4635 Datasheet HTML 5Page - Cirrus Logic MAX4635 Datasheet HTML 6Page - Cirrus Logic MAX4635 Datasheet HTML 7Page - Cirrus Logic MAX4635 Datasheet HTML 8Page - Cirrus Logic MAX4635 Datasheet HTML 9Page - Cirrus Logic MAX4635 Datasheet HTML 10Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AN314REV1
9
AN314
7. CONCLUSION
The CS556x/7x/8x family of devices offers an exceptional alternative to SAR devices in multiplexed applications.
Due to their digital filter with single-conversion settling, the input to the ADC can change from one end of full scale
to the other between conversions and still maintain full accuracy. Since delta-sigma converters have far superior
differential non-linearity (DNL) specifications and excellent noise performance, they provide a performance upgrade
path from conventional SAR ADCs. They also offer 24-bit resolution which is unattainable with SAR devices today.



Html Pages

1 2 3 4 5 6 7 8 9 10