| データシートサーチシステム |
|
A121-001-R データシート(PDF) 8 Page - Acconeer AB |
|
|
|||||||||||||||||||||||||||||
A121-001-R データシート(HTML) 8 Page - Acconeer AB |
|
8 / 24 page ![]() A121 Pulsed Coherent Radar (PCR) Preliminary Datasheet v0.3 © 2022 Copyright by Acconeer 2022-09-22 Page 8 of 24 Pin Pin name Pin type Description Comment C9, D10 VTX Supply voltage Supply voltage, RF part F1 GPIO1 I/O For future use. Connect to ground F10 ENABLE I/O To control OFF/ON/Hibernate/Reset Recommended to be connected to host MCU available GPIO. ENABLE is active high H1 GPIO2 I/O For future use. Connect to ground H10 XOUT CLK XTAL output J1 RESET_N I/O RESET_N must be connected to VIO J2 SPI_SS I/O SPI slave select, active low select. J9 VDIG Supply voltage Supply voltage, digital part J10 XIN CLK XTAL input K2 SPI_CLK I/O SPI Serial Clock K3 SPI_MISO I/O Master Input – Slave Output K5 GPIO4 I/O For future use. Connect to ground K6 SPI_MOSI I/O Master Output – Slave Input K8 INTERRUPT I/O Interrupt signal, that is used as an interrupt in the host, more details are found in section 7, Description. mandatory K9 VIO Supply voltage Supply voltage, digital part Table 3.1. A121 sensor pin list. |