| データシートサーチシステム |
|
LSM6DSO32TR データシート(PDF) 74 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSO32TR データシート(HTML) 74 Page - STMicroelectronics |
|
74 / 153 page ![]() Register description LSM6DSO32 74/153 DocID032891 Rev 1 Table 64. CTRL8_XL register description HPCF_XL_[2:0] Accelerometer LPF2 and HP filter configuration and cutoff setting. Refer to Table 65. HP_REF_ MODE_XL Enables accelerometer high-pass filter reference mode (valid for high-pass path - HP_SLOPE_XL_EN bit must be ‘1’). Default value: 0 (0: disabled, 1: enabled(1)) 1. When enabled, the first output data have to be discarded. FASTSETTL _MODE_XL Enables accelerometer LPF2 and HPF fast-settling mode. The filter sets the second samples after writing this bit. Active only during device exit from power- down mode. Default value: 0 (0: disabled, 1: enabled) HP_SLOPE_ XL_EN Accelerometer slope filter / high-pass filter selection. Refer to Figure 21. LOW_PASS _ON_6D LPF2 on 6D function selection. Refer to Figure 21. Default value: 0 (0: ODR/2 low-pass filtered data sent to 6D interrupt function; 1: LPF2 output data sent to 6D interrupt function) Table 65. Accelerometer bandwidth configurations Filter type HP_SLOPE_ XL_EN LPF2_XL_EN HPCF_XL_[2:0] Bandwidth Low pass 0 0 - ODR/2 1 000 ODR/4 001 ODR/10 010 ODR/20 011 ODR/45 100 ODR/100 101 ODR/200 110 ODR/400 111 ODR/800 High pass 1 - 000 SLOPE (ODR/4) 001 ODR/10 010 ODR/20 011 ODR/45 100 ODR/100 101 ODR/200 110 ODR/400 111 ODR/800 |