| データシートサーチシステム |
|
LSM6DSOX データシート(PDF) 117 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSOX データシート(HTML) 117 Page - STMicroelectronics |
|
117 / 199 page ![]() 13.11 FSM_INT2_A (0Fh) INT2 pin control register (r/w). Each bit in this register enables a signal to be carried through INT2. The pin's output will supply the OR combination of the selected signals. Table 259. FSM_INT2_A register INT2_FSM8 INT2_FSM7 INT2_FSM6 INT2_FSM5 INT2_FSM4 INT2_FSM3 INT2_FSM2 INT2_FSM1 Table 260. FSM_INT2_A register description INT2_FSM8(1) Routing of FSM8 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM7(1) Routing of FSM7 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM6(1) Routing of FSM6 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM5(1) Routing of FSM5 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM4(1) Routing of FSM4 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM3(1) Routing of FSM3 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM2(1) Routing of FSM2 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM1(1) Routing of FSM1 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) 1. This bit is effective if the INT2_EMB_FUNC bit of MD2_CFG (5Fh) is set to 1. LSM6DSOX FSM_INT2_A (0Fh) DS12814 - Rev 3 page 117/199 |