| データシートサーチシステム |
|
LSM6DSOX データシート(PDF) 119 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSOX データシート(HTML) 119 Page - STMicroelectronics |
|
119 / 199 page ![]() 13.13 MLC_INT2 (11h) INT2 pin control register (r/w). Each bit in this register enables a signal to be carried through INT2. The pin's output will supply the OR combination of the selected signals. Table 263. MLC_INT2 register INT2_MLC8 INT2_MLC7 INT2_MLC6 INT2_MLC5 INT2_MLC4 INT2_MLC3 INT2_MLC2 INT2_MLC1 Table 264. MLC_INT2 register description INT2_MLC8 Routing of MLC8 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_MLC7 Routing of MLC7 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_MLC6 Routing of MLC6 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_MLC5 Routing of MLC5 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_MLC4 Routing of MLC4 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_MLC3 Routing of MLC3 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_MLC2 Routing of MLC2 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_MLC1 Routing of MLC1 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) LSM6DSOX MLC_INT2 (11h) DS12814 - Rev 3 page 119/199 |