| データシートサーチシステム |
|
LSM6DSRX データシート(PDF) 161 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSRX データシート(HTML) 161 Page - STMicroelectronics |
|
161 / 171 page ![]() 15.13 SENSOR_HUB_13 (0Eh)......................................................141 15.14 SENSOR_HUB_14 (0Fh) ......................................................141 15.15 SENSOR_HUB_15 (10h) ......................................................141 15.16 SENSOR_HUB_16 (11h) ......................................................142 15.17 SENSOR_HUB_17 (12h) ......................................................142 15.18 SENSOR_HUB_18 (13h) ......................................................142 15.19 MASTER_CONFIG (14h) ......................................................143 15.20 SLV0_ADD (15h).............................................................144 15.21 SLV0_SUBADD (16h).........................................................144 15.22 SLAVE0_CONFIG (17h).......................................................144 15.23 SLV1_ADD (18h).............................................................145 15.24 SLV1_SUBADD (19h).........................................................145 15.25 SLAVE1_CONFIG (1Ah) ......................................................145 15.26 SLV2_ADD (1Bh) ............................................................146 15.27 SLV2_SUBADD (1Ch) ........................................................146 15.28 SLAVE2_CONFIG (1Dh) ......................................................146 15.29 SLV3_ADD (1Eh) ............................................................147 15.30 SLV3_SUBADD (1Fh).........................................................147 15.31 SLAVE3_CONFIG (20h).......................................................147 15.32 DATAWRITE_SLV0 (21h)......................................................148 15.33 STATUS_MASTER (22h) ......................................................148 16 Soldering information........................................................... 149 17 Package information............................................................ 150 17.1 LGA-14L package information ..................................................150 17.2 LGA-14 packing information ...................................................151 Revision history ..................................................................... 153 Contents ............................................................................ 154 List of tables ........................................................................ 162 List of figures........................................................................ 170 LSM6DSRX Contents DS13007 - Rev 3 page 161/171 |