データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LSM6DSRX データシート(PDF) 2 Page - STMicroelectronics

部品番号 LSM6DSRX
部品情報  iNEMO inertial module with embedded Machine Learning Core: always-on 3D accelerometer and 3D gyroscope
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRX データシート(HTML) 2 Page - STMicroelectronics

  LSM6DSRX Datasheet HTML 1Page - STMicroelectronics LSM6DSRX Datasheet HTML 2Page - STMicroelectronics LSM6DSRX Datasheet HTML 3Page - STMicroelectronics LSM6DSRX Datasheet HTML 4Page - STMicroelectronics LSM6DSRX Datasheet HTML 5Page - STMicroelectronics LSM6DSRX Datasheet HTML 6Page - STMicroelectronics LSM6DSRX Datasheet HTML 7Page - STMicroelectronics LSM6DSRX Datasheet HTML 8Page - STMicroelectronics LSM6DSRX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 171 page
background image
ST’s family of MEMS sensor modules leverages the robust and mature
manufacturing processes already used for the production of micromachined
accelerometers and gyroscopes.
The LSM6DSRX has a full-scale acceleration range of ±2/±4/±8/±16 g and an
angular rate range of ±125/±250/±500/±1000/±2000/±4000 dps.
The LSM6DSRX embeds a broad range of advanced functions supporting Android
wearable sensors and programmable sensors (suitable for activity recognition).
The LSM6DSRX embeds a Machine Learning Core able to identify if a data pattern
matches an activity in a user-defined set of classes, reducing power consumption
and increasing performance of the sensor.
The LSM6DSRX is available in a plastic land grid array (LGA) package.
LSM6DSRX
DS13007 - Rev 3
page 2/171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More