| データシートサーチシステム |
|
LSM6DSV16X データシート(PDF) 156 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSV16X データシート(HTML) 156 Page - STMicroelectronics |
|
156 / 196 page ![]() 15.2.7 MLC_EXT_SENSITIVITY_L (E8h) and MLC_EXT_SENSITIVITY_H (E9h) External sensor sensitivity value register for the machine learning core (R/W) This register corresponds to the conversion value of the external sensor. The register value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits). Default value of MLC_EXT_S_[15:0] is 0x3C00 (when using an external magnetometer this value corresponds to 1 gauss/LSB). Table 418. MLC_EXT_SENSITIVITY_L register MLC_ EXT_S_7 MLC_ EXT_S_6 MLC_ EXT_S_5 MLC_ EXT_S_4 MLC_ EXT_S_3 MLC_ EXT_S_2 MLC_ EXT_S_1 MLC_ EXT_S_0 Table 419. MLC_ EXT_SENSITIVITY_L register description MLC_EXT_S_[7:0] External sensor sensitivity (LSbyte). Default value: 00000000 Table 420. MLC_EXT_SENSITIVITY_H register MLC_ EXT_S_15 MLC_ EXT_S_14 MLC_ EXT_S_13 MLC_ EXT_S_12 MLC_ EXT_S_11 MLC_ EXT_S_10 MLC_ EXT_S_9 MLC_ EXT_S_8 Table 421. MLC_EXT_SENSITIVITY_H register description MLC_EXT_S_[15:8] External sensor sensitivity (MSbyte). Default value: 00111100 LSM6DSV16X Page 1 - embedded advanced features registers DS13510 - Rev 1 page 156/196 |