データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LSM6DSV16X データシート(PDF) 2 Page - STMicroelectronics

部品番号 LSM6DSV16X
部品情報  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16X データシート(HTML) 2 Page - STMicroelectronics

  LSM6DSV16X Datasheet HTML 1Page - STMicroelectronics LSM6DSV16X Datasheet HTML 2Page - STMicroelectronics LSM6DSV16X Datasheet HTML 3Page - STMicroelectronics LSM6DSV16X Datasheet HTML 4Page - STMicroelectronics LSM6DSV16X Datasheet HTML 5Page - STMicroelectronics LSM6DSV16X Datasheet HTML 6Page - STMicroelectronics LSM6DSV16X Datasheet HTML 7Page - STMicroelectronics LSM6DSV16X Datasheet HTML 8Page - STMicroelectronics LSM6DSV16X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 196 page
background image
Description
The LSM6DSV16X is a system-in-package featuring a 3-axis digital accelerometer and a 3-axis digital gyroscope
with a triple core for processing acceleration and angular rate data on three separate channels with dedicated
configuration, processing, and filtering.
The LSM6DSV16X boosts performance at 0.65 mA in high-performance mode and enables always-on low-power
features for an optimal motion experience for the consumer.
The LSM6DSV16X embeds advanced dedicated features such as a finite state machine and MLC with an
exportable AI feature for IoT applications, as well as data filtering for OIS, EIS, and motion processing.
The LSM6DSV16X embeds Qvar (electric charge variation detection) for user interface functions: tap, double-tap,
triple-tap, long press, L/R – R/L swipe.
The LSM6DSV16X embeds an analog hub, which is able to connect an external analog input and convert it to a
digital signal for processing.
LSM6DSV16X
DS13510 - Rev 1
page 2/196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More