データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LSM6DSV16XTR データシート(PDF) 13 Page - STMicroelectronics

部品番号 LSM6DSV16XTR
部品情報  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16XTR データシート(HTML) 13 Page - STMicroelectronics

Back Button LSM6DSV16XTR Datasheet HTML 9Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 10Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 11Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 12Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 13Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 14Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 15Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 16Page - STMicroelectronics LSM6DSV16XTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 196 page
background image
15. The sign of the angular rate self-test output change is defined by the ST_G_[1:0] bits in a dedicated register for all axes.
16. The angular rate self-test output change is defined with the device in stationary condition as the absolute value of: OUTPUT[LSb] (self-test
enabled) - OUTPUT[LSb] (self-test disabled). 1LSb = 70 mdps at ±2000 dps full scale.
4.2
Electrical characteristics
@ Vdd = 1.8 V, T = 25 °C, unless otherwise noted.
Table 3. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
Vdd
Supply voltage
1.71
1.8
3.6
V
Vdd_IO
Power supply for I/O
1.08
3.6
V
IddHP
Gyroscope and accelerometer current consumption in high-performance
mode
0.65
mA
LA_IddHP
Accelerometer current consumption in high-performance mode
190
µA
LA_IddNM
Accelerometer current consumption in normal mode
100
µA
LA_IddLPM2 Accelerometer current consumption in low-power mode (LPM2)
ODR = 60 Hz
ODR = 1.875 Hz
20
4.2
µA
LA_IddLPM1 Accelerometer current consumption in low-power mode (LPM1)
ODR = 60 Hz
ODR = 1.875 Hz
17
4.0
µA
IddPD
Gyroscope and accelerometer current consumption during power-down
2.6
µA
Ton
Turn-on time - gyroscope
30
ms
VIH
Digital high-level input voltage
0.7 *
Vdd_IO
V
VIL
Digital low-level input voltage
0.3 *
Vdd_IO
V
VOH
High-level output voltage
IOH = 4 mA(2)
Vdd_IO
- 0.2
V
VOL
Low-level output voltage
IOL = 4 mA(2)
0.2
V
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. 4 mA is the maximum driving capability, that is, the maximum DC current that can be sourced/sunk by the digital pin in order to guarantee
the correct digital output voltage levels VOH and VOL.
Table 4. Electrical parameters of Qvar (@Vdd = 1.8 V, T = 25 °C)
Parameter
Typ.(1)
Unit
Power consumption
15(2)
μA
Offset (shorted inputs)
3
mV
Noise (shorted inputs)
54
μV
Qvar gain
78
LSB/mV
CMRR
54
dB
Input impedance
Configurable (from 235 M to 2.4 G)
Ω
Input range
±460
mV
1. Vdd_IO = 1.8 V, Zin = 235 MOhm. Typical values are based on characterization and are not guaranteed.
2. Extra power consumption when only the analog hub / Qvar function is enabled. In this condition the accelerometer must be set to
high-performance mode or normal mode.
LSM6DSV16X
Electrical characteristics
DS13510 - Rev 1
page 13/196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More