データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STGIB8CH60TS-LZ データシート(PDF) 8 Page - STMicroelectronics

部品番号 STGIB8CH60TS-LZ
部品情報  SLLIMM - 2nd series IPM, 3-phase inverter, 12 A, 600 V, short-circuit rugged IGBT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIB8CH60TS-LZ データシート(HTML) 8 Page - STMicroelectronics

Back Button STGIB8CH60TS-LZ Datasheet HTML 4Page - STMicroelectronics STGIB8CH60TS-LZ Datasheet HTML 5Page - STMicroelectronics STGIB8CH60TS-LZ Datasheet HTML 6Page - STMicroelectronics STGIB8CH60TS-LZ Datasheet HTML 7Page - STMicroelectronics STGIB8CH60TS-LZ Datasheet HTML 8Page - STMicroelectronics STGIB8CH60TS-LZ Datasheet HTML 9Page - STMicroelectronics STGIB8CH60TS-LZ Datasheet HTML 10Page - STMicroelectronics STGIB8CH60TS-LZ Datasheet HTML 11Page - STMicroelectronics STGIB8CH60TS-LZ Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
3.2
Control/protection parts
Table 8. High- and low-side drivers
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vil
Low logic level voltage
0.8
V
Vih
High logic level voltage
2
V
IINh
IN logic “1” input bias current
INx = 15 V
80
150
200
µA
IINl
IN logic “0” input bias current
INx = 0 V
1
µA
High-side
VCC_hys
VCC UV hysteresis
1.2
1.4
1.7
V
VCCH_th(on)
VCCH UV turn-on threshold
11
11.5
12
V
VCCH_th(off)
VCCH UV turn-off threshold
9.6
10.1
10.6
V
VBS_hys
VBS UV hysteresis
0.5
1
1.6
V
VBS_th(on)
VBS UV turn-on threshold
10.1
11
11.9
V
VBS_th(off)
VBS UV turn-off threshold
9.1
10
10.9
V
IQBSU
Under voltage VBS quiescent
current
VBS = 9 V, HINx(1) = 5 V
55
75
µA
IQBS
VBS quiescent current
VCC = 15 V, HINx(1) = 5 V
125
170
µA
Iqccu
Under voltage quiescent supply
current
VCC = 9 V, HINx(1) = 0 V
190
250
µA
Iqcc
Quiescent current
VCC = 15 V, HINx(1) = 0 V
560
730
µA
RDS(on)
BS driver ON resistance
150
Low-side
VCC_hys
VCC UV hysteresis
1.1
1.4
1.6
V
VCCL_th(on)
VCCL UV turn-on threshold
10.4
11.6
12.4
V
VCCL_th(off)
VCCL UV turn-off threshold
9.0
10.3
11
V
Iqccu
Under voltage quiescent supply
current
VCC = 10 V,
SD pulled to 5 V through RSD = 10 kΩ,
CIN = LINx(1) = 0 V
600
800
µA
Iqcc
Quiescent current
VCC = 15 V, SD= 5 V,
CIN = LINx(1) = 0 V
700
900
µA
VSSD
Smart SD unlatch threshold
0.5
0.6
0.75
V
ISDh
SD logic “1” input bias current
SD = 5 V
25
50
70
µA
ISDl
SD logic “0” input bias current
SD = 0 V
1
µA
1. Applied between HINx, LINx and GND for x = U, V, W.
STGIB8CH60TS-LZ
Control/protection parts
DS13648 - Rev 2
page 8/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com