| データシートサーチシステム |
|
23358564 データシート(PDF) 32 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
23358564 データシート(HTML) 32 Page - Toshiba Semiconductor |
|
32 / 54 page ![]() – 32 – Location Location Location Location Location Parts No. Parts No. Parts No. Parts No. Parts No. Description Description Description Description Description No. No. No. No. No. Location Location Location Location Location Parts No. Parts No. Parts No. Parts No. Parts No. Description Description Description Description Description No. No. No. No. No. RX218 24011222 METAL FILM CHIP 1/20W 2.2K J RX219 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RX220 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RX222 24011470 METAL FILM CHIP 1/20W 47 J RX224 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RX225 24011470 METAL FILM CHIP 1/20W 47 J RX227 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RX228 24011821 METAL FILM CHIP 1/20W 820 J RX229 24011470 METAL FILM CHIP 1/20W 47 J RX230 24011470 METAL FILM CHIP 1/20W 47 J RX231 24011471 METAL FILM CHIP 1/20W 470 J RX232 24011222 METAL FILM CHIP 1/20W 2.2K J RX233 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RX236 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RX238 24011102 CHIP, METAL FILM, 1/20W 1K OHM J RX242 24011470 METAL FILM CHIP 1/20W 47 J RX244 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RX245 24011470 METAL FILM CHIP 1/20W 47 J RX247 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RX248 24011681 METAL FILM CHIP 1/20W 680 J RX249 24011470 METAL FILM CHIP 1/20W 47 J RX250 24011470 METAL FILM CHIP 1/20W 47 J RX251 24011471 METAL FILM CHIP 1/20W 470 J RX252 24011272 METAL FILM CHIP 1/20W 2.7K J RX253 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RX256 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RX258 24011102 CHIP, METAL FILM, 1/20W 1K OHM J RX263 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RX266 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RX268 24011681 METAL FILM CHIP 1/20W 680 J RX269 24011470 METAL FILM CHIP 1/20W 47 J RX270 24011470 METAL FILM CHIP 1/20W 47 J RX271 24011471 METAL FILM CHIP 1/20W 470 J RX272 24011222 METAL FILM CHIP 1/20W 2.2K J RX273 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RX276 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RX277 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RX304 24011103 CHIP, METAL FILM, 1/20W 10K OHM J RX306 24019404 CHIP BLOCK P-8 1/16W P-8 103J RX307 24011103 CHIP, METAL FILM, 1/20W 10K OHM J RX309 24011103 CHIP, METAL FILM, 1/20W 10K OHM J RX311 24019439 CHIP BLOCK P-8 1/16W P-8 470J RX312 24019439 CHIP BLOCK P-8 1/16W P-8 470J RX313 24019439 CHIP BLOCK P-8 1/16W P-8 470J RX314 24019439 CHIP BLOCK P-8 1/16W P-8 470J RX315 24019439 CHIP BLOCK P-8 1/16W P-8 470J RX316 24019439 CHIP BLOCK P-8 1/16W P-8 470J RX317 24019439 CHIP BLOCK P-8 1/16W P-8 470J RX318 24019439 CHIP BLOCK P-8 1/16W P-8 470J RX319 24019439 CHIP BLOCK P-8 1/16W P-8 470J RX320 24019439 CHIP BLOCK P-8 1/16W P-8 470J RX321 24019439 CHIP BLOCK P-8 1/16W P-8 470J RX322 24019439 CHIP BLOCK P-8 1/16W P-8 470J RX323 24011470 METAL FILM CHIP 1/20W 47 J RX324 24011470 METAL FILM CHIP 1/20W 47 J RX329 24011334 METAL FILM CHIP 1/20W 330K J RX330 24011103 CHIP, METAL FILM, 1/20W 10K OHM J RX331 24019404 CHIP BLOCK P-8 1/16W P-8 103J RX332 24011103 CHIP, METAL FILM, 1/20W 10K OHM J RX334 24011152 CHIP, METAL FILM, 1/20W 1.5K OHM J RX335 24011332 METAL FILM CHIP 1/20W 3.3K J RX342 24011271 METAL FILM CHIP 1/20W 270 J RX343 24011820 METAL FILM CHIP 1/20W 82 J RX345 24011271 METAL FILM CHIP 1/20W 270 J RX346 24011820 METAL FILM CHIP 1/20W 82 J RX347 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RX348 24011101 CHIP, METAL FILM, 1/20W 100 OHM J RX349 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RX350 24011101 CHIP, METAL FILM, 1/20W 100 OHM J RX351 24000445 CHIP JUMPER, 1608TYPE RX352 24000445 CHIP JUMPER, 1608TYPE RX361 24011181 METAL FILM CHIP 1/20W 180 J RX362 24011270 METAL FILM CHIP 1/20W 27 J RX363 24011122 CHIP, METAL FILM, 1/20W 1.2K OHM J RX364 24011272 METAL FILM CHIP 1/20W 2.7K J RX365 24011272 METAL FILM CHIP 1/20W 2.7K J RX366 24011181 METAL FILM CHIP 1/20W 180 J RX367 24011270 METAL FILM CHIP 1/20W 27 J RX368 24011122 CHIP, METAL FILM, 1/20W 1.2K OHM J RX369 24011272 METAL FILM CHIP 1/20W 2.7K J RX370 24011181 METAL FILM CHIP 1/20W 180 J RX371 24011270 METAL FILM CHIP 1/20W 27 J RX372 24011122 CHIP, METAL FILM, 1/20W 1.2K OHM J RX373 24011272 METAL FILM CHIP 1/20W 2.7K J RX374 24011272 METAL FILM CHIP 1/20W 2.7K J RX375 24011272 METAL FILM CHIP 1/20W 2.7K J RX381 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RX382 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RX383 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RX384 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RX385 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RX386 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RX387 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RX391 24011101 CHIP, METAL FILM, 1/20W 100 OHM J RX392 24011101 CHIP, METAL FILM, 1/20W 100 OHM J RX393 24011102 CHIP, METAL FILM, 1/20W 1K OHM J RX394 24011102 CHIP, METAL FILM, 1/20W 1K OHM J RX395 24011332 METAL FILM CHIP 1/20W 3.3K J RX396 24011332 METAL FILM CHIP 1/20W 3.3K J RX397 24011103 CHIP, METAL FILM, 1/20W 10K OHM J RX398 24872331 CHIP, METAL FILM, 1/16W 330 OHM J RX399 24872331 CHIP, METAL FILM, 1/16W 330 OHM J RX403 24011101 CHIP, METAL FILM, 1/20W 100 OHM J RX404 24871101 CHIP, METAL FILM, 1/8W 100 OHM J RX405 24011101 CHIP, METAL FILM, 1/20W 100 OHM J RX406 24871471 CHIP, METAL FILM, 1/8W 470 OHM J RX511 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RX512 24011681 METAL FILM CHIP 1/20W 680 J RX521 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RX522 24011681 METAL FILM CHIP 1/20W 680 J RX531 24011100 CHIP, METAL FILM, 1/20W 10 OHM J RX532 24011681 METAL FILM CHIP 1/20W 680 J RX554 24011121 METAL FILM CHIP 1/20W 120 J RX555 24011681 METAL FILM CHIP 1/20W 680 J RX557 24871681 CHIP, METAL FILM, 1/8W 680 OHM J RX564 24011121 METAL FILM CHIP 1/20W 120 J RX565 24011471 METAL FILM CHIP 1/20W 470 J RX567 24871681 CHIP, METAL FILM, 1/8W 680 OHM J RX574 24011121 METAL FILM CHIP 1/20W 120 J RX575 24011471 METAL FILM CHIP 1/20W 470 J RX577 24871681 CHIP, METAL FILM, 1/8W 680 OHM J RX812 24011101 CHIP, METAL FILM, 1/20W 100 OHM J RX821 24011151 CHIP, METAL FILM, 1/20W 150 OHM J RX822 24011151 CHIP, METAL FILM, 1/20W 150 OHM J RX823 24011151 CHIP, METAL FILM, 1/20W 150 OHM J RX824 24011101 CHIP, METAL FILM, 1/20W 100 OHM J RX825 24011101 CHIP, METAL FILM, 1/20W 100 OHM J RX826 24011681 METAL FILM CHIP 1/20W 680 J RX827 24011101 CHIP, METAL FILM, 1/20W 100 OHM J RX829 24011102 CHIP, METAL FILM, 1/20W 1K OHM J |