| データシートサーチシステム |
|
PC7392XASFS データシート(PDF) 1 Page - Picker Components |
|
|
|||||||||||||||||||||||||||||
PC7392XASFS データシート(HTML) 1 Page - Picker Components |
|
1 / 4 page ![]() Heavy Duty Power Relay FEATURES Double make, double break contacts 30 amp switching capacity Quick connect, PC or Screw terminals Up to 3 horsepower rating True Miniature Contactor UL Class F (155 degrees C) insulation available PC739 Meets UL 873 and UL 508 spacing Load Type General Purpose Resistive Motor LRA/FLA Voltage 120 VAC 30 VDC 277 VAC 125 VAC 277 VAC 125 VAC All Contacts 30 A 30 A 3 HP 1.5 HP 60 A / 14.1 A 86 A / 20 A UL/CSA RATINGS CONTACT DATA Material Initial Contact Resistance Service Life Mechanical Electrical AgCdO (Silver Cadmium Oxide) AgSnO (Silver Tin Oxide) 50 milliohms max @ 0.1A, 6VDC 5 X 10 6 1 X 10 5 CHARACTERISTICS Operate Time 30 ms. max. Release Time Insulation Resistance 30 ms. max. 1,000 megohms min, at 500VDC, 50%RH Dielectric Strength 2000 Vrms, 1 min. between adjacent contacts Shock Resistance 10 g, 11ms, functional; 100 g, destructive Vibration Resistance DA 1.5mm, 10-55 Hz Power Consumption DC coil 1.9W approx., AC coil 1.7 to 2.7 VA Ambient Temperature Range -55 degrees C to 70 degrees C operating, -40 to 130 degrees C storage Weight 90 grams approx. 277 VAC 125 VAC 30 A 30 A Operations Operations Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com 3220 Commander Drive, Suite 102, Carrollton, Texas 75006 Sealed version available All Forms (locked rotor amps/full load amps) PC739 Rev D 5-6-2005 250 VAC 30 A Tungsten 125 VAC TV 10 4000 Vrms, 1 min. between coil and contacts 2000 Vrms, 1 min. between open contacts PAGE 1 File # E93379 |
同様の部品番号 - PC7392XASFS |
|
同様の説明 - PC7392XASFS |