データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

76232103 データシート(PDF) 10 Page - Toshiba Semiconductor

部品番号 76232103
部品情報  Projection Television
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

76232103 データシート(HTML) 10 Page - Toshiba Semiconductor

Back Button 76232103 Datasheet HTML 6Page - Toshiba Semiconductor 76232103 Datasheet HTML 7Page - Toshiba Semiconductor 76232103 Datasheet HTML 8Page - Toshiba Semiconductor 76232103 Datasheet HTML 9Page - Toshiba Semiconductor 76232103 Datasheet HTML 10Page - Toshiba Semiconductor 76232103 Datasheet HTML 11Page - Toshiba Semiconductor 76232103 Datasheet HTML 12Page - Toshiba Semiconductor 76232103 Datasheet HTML 13Page - Toshiba Semiconductor 76232103 Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
LAMP UNIT REPLACEMENT
The light source for this TV is a mercury lamp with internal atmospheric
pressure that increases during use. The lamp has a limited service life
that varies depending on user settings. If you use the lamp beyond its
service life:
you may notice a reduction in the colors and/or brightness of the pic-
ture; and
the strength of the quartz glass in the lamp will be reduced and the
lamp may rupture (often making a loud noise when this happens). If
the lamp reputres, the TV will not operate until the lamp unit is replaced.
Note: The lamp unit is designed so broken lamp glass remains se-
curely inside the lamp unit.
CAUTION: Always handle the lamp unit with care.
The lamp unit in this TV was designed for safe replace-
ment by consumers; however, if the lamp unit is subjected to inten-
tional abuse (such as excessive mechanical abuse or handling by
children or pets), the unit may break, exposing edges or pinch points.
When to replace the lamp unit
You should replace the lamp unit:
if the picture darkens and/or colors fade;
if the lamp does not light; or
If you hear a loud noise and the picture goes black, which may indi-
cate a lamp rupture (LED indication #8). See LED indications on
page 6.
Cautions when replacing LAMP UNIT (E998Z; PJ-D95-LMP)
Note: The lamp unit is designed so broken lamp glass remains se-
curely inside the lamp unit.
Note: Be sure wear the gloves before replacing the lamp unit.
- 10 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45