| データシートサーチシステム |
|
2SC752 データシート(PDF) 29 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
2SC752 データシート(HTML) 29 Page - Toshiba Semiconductor |
|
29 / 126 page ![]() – 29 – 3-3 Cinema (PAL mode) Note: The cursor will move outside the screen limits in the Cinema mode; therefore, be careful to consider the position of the cursor displayed on the screen when making adjustments. 262.5 227.5 157.5 52.5 52.5 262.5 227.5 157.5 0 3-4 Subtitle (PAL mode) Note: The cursor will move outside the screen limits in the Subtitle mode; therefore, be careful to consider the position of the cursor displayed on the screen when making adjustments. Note: Please be aware that the Subtitle screen convergence pattern center is located at the center of the screen but the image center is located approximately 13mm above that. 272 240 240 272 144 48 48 144 0 Screen limit changed |