データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MFBA2V2012 データシート(PDF) 1 Page - Eaton All Rights Reserved.

部品番号 MFBA2V2012
部品情報  Automotive multilayer chip ferrite bead
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EATON [Eaton All Rights Reserved.]
ホームページ  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MFBA2V2012 データシート(HTML) 1 Page - Eaton All Rights Reserved.

  MFBA2V2012 Datasheet HTML 1Page - Eaton All Rights Reserved. MFBA2V2012 Datasheet HTML 2Page - Eaton All Rights Reserved. MFBA2V2012 Datasheet HTML 3Page - Eaton All Rights Reserved. MFBA2V2012 Datasheet HTML 4Page - Eaton All Rights Reserved. MFBA2V2012 Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data ELX1132
Effective December 2021
MFBA2V2012
Automotive multilayer chip ferrite bead
Product features
•
AEC-Q200 qualified
•
Multilayer monolithic construction yields
high reliability
•
0805 (2012 metric) surface mount package
•
Ultra-low direct current resistance (DCR)
•
Impedance range: 30 ohms to 600 ohms
•
Moisture sensitivity level (MSL): 1
Applications
• Body electronics (keyless entry, ECU, antennas)
• Advanced driver assistance systems (ADAS)
• Infotainment and cluster electronics
• Safety electronics systems
• WLAN, WiFi, Bluetooth
• Portable medical devices
• Inventory management equipment
• Displays/monitors
• IoT, remote monitoring
• Testing equipment
• Automation equipment
• Sensors
Environmental compliance
and general specifications
•
Operating temperature range: -55 °C to +150 °C
(ambient plus self-temperature rise)
•
Storage temperature (component):
-55 °C to +150 °C
•
Solder reflow temperature:
J-STD-020 (latest revision) compliant
Pb
HALOGEN
HF
FREE


同様の部品番号 - MFBA2V2012

メーカー部品番号データシート部品情報
logo
Eaton All Rights Reserv...
MFBA2V1005 EATON-MFBA2V1005 Datasheet
635Kb / 5P
Automotive multilayer chip ferrite bead
December 2021
MFBA2V1005-101-R EATON-MFBA2V1005-101-R Datasheet
635Kb / 5P
Automotive multilayer chip ferrite bead
December 2021
MFBA2V1005-121-R EATON-MFBA2V1005-121-R Datasheet
635Kb / 5P
Automotive multilayer chip ferrite bead
December 2021
MFBA2V1005-221-R EATON-MFBA2V1005-221-R Datasheet
635Kb / 5P
Automotive multilayer chip ferrite bead
December 2021
MFBA2V1005-330-R EATON-MFBA2V1005-330-R Datasheet
635Kb / 5P
Automotive multilayer chip ferrite bead
December 2021
More results

同様の説明 - MFBA2V2012

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BF-SB100505-121Y-T ETC2-BF-SB100505-121Y-T Datasheet
30Kb / 1P
Multilayer Ferrite Chip Bead
BF-NB100505-060Y-T ETC2-BF-NB100505-060Y-T Datasheet
27Kb / 1P
Multilayer Ferrite Chip Bead
BF-LC100505-100Y-T ETC2-BF-LC100505-100Y-T Datasheet
24Kb / 1P
Multilayer Ferrite Chip Bead
logo
Caliber Electronics Inc...
BF-LC100505 CALIBER-BF-LC100505 Datasheet
25Kb / 1P
Multilayer Ferrite Chip Bead
BF-NB100505 CALIBER-BF-NB100505 Datasheet
28Kb / 1P
Multilayer Ferrite Chip Bead
BF-SB100505 CALIBER-BF-SB100505 Datasheet
31Kb / 1P
Multilayer Ferrite Chip Bead
logo
Abracon Corporation
ACML-0402 ABRACON-ACML-0402 Datasheet
2Mb / 3P
MULTILAYER FERRITE CHIP BEAD
01.03.13
ACML-0603 ABRACON-ACML-0603 Datasheet
2Mb / 4P
MULTILAYER FERRITE CHIP BEAD
01.19.14
logo
Eaton All Rights Reserv...
MFBA2V1005 EATON-MFBA2V1005 Datasheet
635Kb / 5P
Automotive multilayer chip ferrite bead
December 2021
MFBA2V1608 EATON-MFBA2V1608 Datasheet
999Kb / 5P
Automotive multilayer chip ferrite bead
December 2021
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com