データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

433MHZ データシート(PDF) 12 Page - List of Unclassifed Manufacturers

部品番号 433MHZ
部品情報  Complete Guide for RF 433MHz Transmitter/Receiver Module With Arduino
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

433MHZ データシート(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button 433MHZ Datasheet HTML 7Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 8Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 9Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 10Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 11Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 12Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 13Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 14Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
output(mySwitch.getReceivedValue(), mySwitch.getReceivedBitlength(),
mySwitch.getReceivedDelay(),
mySwitch.getReceivedRawdata(),mySwitch.getReceivedProtocol());
mySwitch.resetAvailable();
}
}
Having an Arduino board connected to your computer follow these instructions:
1. Go to the Tools tab
2. Select Arduino UNO board
3. Select the COM port
4. Press the Upload button.
Decoder – Schematics
After uploading the sketch, connect an 433MHz RF receiver to Digital Pin 2 of your
Arduino UNO board:
Decode RF Signals (codes)
Open the Arduino IDE serial monitor and start pressing the buttons. As shown in the
video demonstration below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15