| データシートサーチシステム |
|
AC162060 データシート(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AC162060 データシート(HTML) 29 Page - Microchip Technology |
|
29 / 78 page ![]() Required Debug Headers 2006-2012 Microchip Technology Inc. DS51292T-page 29 Header Dimensions The figure below lists the dimensions for the debug header. Dimensions are design values in inches. If the length and/or width of the debug header is too large a footprint for the target board, consider using stand-offs, transition sockets or other extenders in the header connection socket to raise the header above the target. FIGURE 13: DIMENSIONS - AC244045 Dimensions are in inches 6-pin Modular Connector See Appendix B. “Debug Header Connections” for details. Target Pin 1 Located on Bottom side of Header 0.410 Typical 0.062 Typical 0.165 Typical 0.165 Typical 1.800 0.540 0.300 0.350 1.150 ICE Device |