| データシートサーチシステム |
|
MI007 データシート(PDF) 3 Page - Pico Technology Ltd. |
|
|
|||||||||||||||||||||||||||||
MI007 データシート(HTML) 3 Page - Pico Technology Ltd. |
|
3 / 26 page ![]() PicoScope 3000 Series Deep memory PicoScope 3000 Series oscilloscopes offer a huge buffer memory, allowing them to sustain high sampling rates across long timebases. For example, using the 512 MS buffer, the PicoScope 3206D and 3406D models can sample at 1 GS/s all the way down to 50 ms/div giving a 500 ms total capture time. Powerful tools are included to allow you to manage and examine all of this data. As well as functions such as mask limit testing and color persistence mode, the PicoScope 6 software enables you to zoom into your waveform by several million times. The Zoom Overview window allows you to easily control the size and location of the zoom area. Up to 10 000 waveforms can be stored in the segmented waveform buffer. The Buffer Overview window then allows you to rewind and review the history of your waveform. No longer will you struggle to catch an infrequent glitch. When the trace length is set to be shorter than the scope’s memory, the PicoScope will automatically configure the memory as a circular buffer, recording recent waveforms for review. For example, if 1 million samples are captured, up to 500 waveforms will be stored in oscilloscope memory. Tools such as mask limit testing can then be used to scan through each waveform to identify anomalies. x2 000 000 x130000 x256 x1 |