データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2902D データシート(PDF) 6 Page - STMicroelectronics

部品番号 LM2902D
部品情報  Low-power quad operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902D データシート(HTML) 6 Page - STMicroelectronics

Back Button LM2902D Datasheet HTML 2Page - STMicroelectronics LM2902D Datasheet HTML 3Page - STMicroelectronics LM2902D Datasheet HTML 4Page - STMicroelectronics LM2902D Datasheet HTML 5Page - STMicroelectronics LM2902D Datasheet HTML 6Page - STMicroelectronics LM2902D Datasheet HTML 7Page - STMicroelectronics LM2902D Datasheet HTML 8Page - STMicroelectronics LM2902D Datasheet HTML 9Page - STMicroelectronics LM2902D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit
VO1/VO2 Channel separation (3)
1 kHz ≤ f ≤ 20 kHz
120
dB
1. VO = 1.4 V, RS = 0 Ω, 5 V < VCC + < 30 V, 0 V < Vic < (VCC +) - 1.5 V.
2. The direction of the input current is out of the IC. This current is essentially constant, independent of the state of the output, so there is no
change in the load on the input lines.
3. Due to the proximity of external components, ensure that stray capacitance does not cause coupling between these external parts. Typically,
this can be detected as this type of capacitance increases at higher frequencies.
LM2902
Electrical characteristics
DS0506 - Rev 9
page 6/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com