| データシートサーチシステム |
|
PIC12F629 データシート(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F629 データシート(HTML) 21 Page - Microchip Technology |
|
21 / 78 page ![]() Required Debug Headers 2006-2012 Microchip Technology Inc. DS51292T-page 21 Header Dimensions The figure below lists the dimensions for the debug header. Dimensions are design values in inches. If the length and/or width of the debug header is too large a footprint for the target board, consider using stand-offs, transition sockets or other extenders in the header connection socket to raise the header above the target. FIGURE 8: DIMENSIONS – AC162066 Target Pin 1 Located on Bottom side of Header Dimensions are in inches 2.325 Top 0.275 0.950 0.850 Side 0.165 Typical 0.062 Typical 0.560 Typical 6-pin Modular Connector See Appendix B. “Debug Header Connections” for details. ICE Device |