| データシートサーチシステム |
|
AC162065 データシート(PDF) 47 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AC162065 データシート(HTML) 47 Page - Microchip Technology |
|
47 / 78 page ![]() Optional Debug Headers 2006-2012 Microchip Technology Inc. DS51292T-page 47 AC162088, AC162094 Header Identification The header AC number is used for ordering the header. However, this number is not on the debug header, as the board is often used for multiple headers by inserting different ICE/ICD devices. To identify this debug header, use the following information. Header Setup and Operation Both 28-pin and 44-pin device headers have jumpers related to the enabling or dis- abling of the on-chip 2.5 volt voltage regulator. Please see the section entitled “On-Chip Voltage Regulator” in the “dsPIC33F Family Reference Manual” (DS70165) for more details. Test points are available on this header to check the following: Header Limitations See the “Limitations” section in your debug tool online Help file for details. Header Dimensions The figures below list the dimensions for the debug headers. Dimensions are design values in inches. If the length and/or width of the debug header is too large a footprint for the target board, consider using stand-offs, transition sockets or other extenders in the header connection socket to raise the header above the target. Header ICE/ICD Device Board Assembly Number AC162088 PIC24FJ64GA004-ICE 02-01979 AC162094 02-01982 Jumper J2 Function 1-2 Disable voltage regulator 2-3 Enable voltage regulator No connection DISVREG controlled by target Test Point Color Signal Test Point Color Signal TP1 Black Ground TP5 White DISVREG TP2 Red VDD TP6 White PGC TP3 Black AVSS TP7 White PGD TP4 Red AVDD TP8 Yellow ICRST |