データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AC164110 データシート(PDF) 21 Page - Microchip Technology

部品番号 AC164110
部品情報  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC164110 データシート(HTML) 21 Page - Microchip Technology

Back Button AC164110 Datasheet HTML 17Page - Microchip Technology AC164110 Datasheet HTML 18Page - Microchip Technology AC164110 Datasheet HTML 19Page - Microchip Technology AC164110 Datasheet HTML 20Page - Microchip Technology AC164110 Datasheet HTML 21Page - Microchip Technology AC164110 Datasheet HTML 22Page - Microchip Technology AC164110 Datasheet HTML 23Page - Microchip Technology AC164110 Datasheet HTML 24Page - Microchip Technology AC164110 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
Required Debug Headers
 2006-2012 Microchip Technology Inc.
DS51292T-page 21
Header Dimensions
The figure below lists the dimensions for the debug header. Dimensions are design
values in inches.
If the length and/or width of the debug header is too large a footprint for the target
board, consider using stand-offs, transition sockets or other extenders in the header
connection socket to raise the header above the target.
FIGURE 8:
DIMENSIONS – AC162066
Target Pin 1 Located on
Bottom side of Header
Dimensions are in inches
2.325
Top
0.275
0.950
0.850
Side
0.165 Typical
0.062 Typical
0.560
Typical
6-pin Modular Connector
See Appendix B. “Debug Header
Connections” for details.
ICE
Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78