| データシートサーチシステム |
|
PDI-37S-9-RZGXX データシート(PDF) 10 Page - PowerDynamics, Inc |
|
|
|||||||||||||||||||||||||||||
PDI-37S-9-RZGXX データシート(HTML) 10 Page - PowerDynamics, Inc |
|
10 / 42 page ![]() 182 145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076 e-mail: sales@powerdynamics.com • www.powerdynamics.com 7 7 Specifications subject to change without notice. Dimensions in mm. High Density, Right Angle, P.C.B. PDI-15RH (shown) PDI-15SH-J (shown) B A C 7.9 12.5 UNC #4-40 2 PLACES D E 6.0 3.3 5.08 8.75 11.29 Ø 3.2 2 PLACES E 7.04 Ø 1.0 B D 2.54 P.C. BOARD EDGE 15 POSITION FEMALE Ø 3.2 2 PLACES Ø 1.0 2.54 E B D F P.C. BOARD EDGE 26, 44, 62 POSITION FEMALE A 24.60 NUMBER OF PINS 16.30 15 26 44 62 38.30 54.80 33.30 25.00 47.10 63.50 39.20 30.80 53.10 69.40 2.29 2.29 2.29 2.41 B C D 1.145 1.145 1.145 1.205 6.88 7.04 6.88 7.00 E F B A C 8.3 12.5 UNC #4-40 2 PLACES D E 6.0 3.5 5.08 8.75 11.29 A 25.25 NUMBER OF PINS 16.92 15 26 44 62 38.96 55.42 33.30 25.00 47.10 63.50 39.20 30.80 53.10 69.40 2.29 2.29 2.29 2.41 B C D 1.145 1.145 1.145 1.205 6.88 7.04 6.88 7.00 E F Ø 3.2 2 PLACES E Ø 1.0 B D 2.54 P.C. BOARD EDGE 15 POSITION MALE F Ø 3.2 2 PLACES Ø 1.0 2.54 E B D F P.C. BOARD EDGE 26, 44, 62 POSITION MALE |