データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

B7AH-R6D53 データシート(PDF) 80 Page - Omron Electronics LLC

部品番号 B7AH-R6D53
部品情報  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH-R6D53 データシート(HTML) 80 Page - Omron Electronics LLC

Back Button B7AH-R6D53 Datasheet HTML 76Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 77Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 78Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 79Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 80Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 81Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 82Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 83Page - Omron Electronics LLC B7AH-R6D53 Datasheet HTML 84Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 121 page
background image
B7AC
B7AC
78
B7AC-T10A1
Waterproof Cover
XS2Z-11
XS2Z-12
Dust Cover
XS2Z-13
XS2Z-14/XS2Z-15
Note:
The B7AC maintains IP67 with the XS2Z-11 and XS2Z-12
Waterproof Covers. Be sure to connect the XS2Z-11 and
XS2Z-12 Waterproof Covers to the connectors by hand and
tighten the Waterproof Covers securely with a force of 4 to
5 kgf
S cm (0.39 to 0.49 N S m).
Note:
The XS2Z-13, XS2Z-14, and XS2Z-15 Dust Covers are used for
dust prevention. The B7AC cannot maintain IP67 with them.
Press them securely to the connector joints.
55
8
22
30
12
20
10
160
150
±0.5
120
110
±0.5
Two, 5.5 dia
14 dia
16 dia
22
15
8
7
150
±0.5
23
11
Two, 5.5 dia
32
±0.5
15
22
8
10
23
10
23
14.5
Name
plate
Two, 2.5-dia.
holes (depth: 7)
Transmission and
power supply
connector
Power indicator
Input indicators
Ten input
connectors
4
Input connector
XS2Z-12
XS2Z-11
M12
Transmission and
power supply connector
M12
Transmission and
power supply
connector
XS2Z-13
Input connector
XS2Z-15
XS2Z-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More