| データシートサーチシステム |
|
S8FS-G60024CD-R データシート(PDF) 28 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
S8FS-G60024CD-R データシート(HTML) 28 Page - Omron Electronics LLC |
|
28 / 34 page ![]() S8FS-G 28 DIN Rail (Order Separately) (Unit: mm) Mounting Rail (Material: Aluminum) PFP-100N PFP-50N Mounting Rail (Material: Aluminum) PFP-100N2 End Plate PFP-M Note: If there is a possibility that the Unit will be subject to vibration or shock, use a steel DIN Rail. Otherwise, metallic filings may result from aluminum abrasion. 4.5 15 25 25 10 10 1,000 (500) * 25 25 15(5) * 35 ±0.3 7.3 ±0.15 27 ±0.15 1 * Values in parentheses are for the PFP-50N. 4.5 15 25 25 10 10 1,000 25 25 15 1 1.5 29.2 24 27 35 ±0.3 16 1.3 4.8 35.5 35.5 1.8 1.8 10 6.2 1 50 11.5 10 M4 spring washer M4 ×8 pan- head screw |