| データシートサーチシステム |
|
PDI-15SH-5-RZGXX データシート(PDF) 20 Page - PowerDynamics, Inc |
|
|
|||||||||||||||||||||||||||||
PDI-15SH-5-RZGXX データシート(HTML) 20 Page - PowerDynamics, Inc |
|
20 / 42 page ![]() 192 145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076 e-mail: sales@powerdynamics.com • www.powerdynamics.com 7 7 Specifications subject to change without notice. Dimensions in mm. D-Sub Covers located on pages 210 and 211. Custom molded cables also available. See page 290. High Density, Solder Cup PDI-26RHS-S-H (shown) PDI-26SHS-S-H (shown) B E A C 7.9 12.5 Ø 3.2 2 PLACES D 6.0 1.98 3.96 F 4.8 A 24.60 NUMBER OF PINS 16.30 15 26 44 62 38.30 54.80 33.30 25.00 47.10 63.50 39.20 30.80 53.10 69.40 2.29 2.29 2.29 2.41 B C D 1.14 1.14 1.14 1.20 27.70 19.20 41.10 57.30 E F B E A C 8.3 12.5 Ø 3.2 2 PLACES D 6.0 1.98 3.96 F 4.8 A 25.25 NUMBER OF PINS 16.92 15 26 44 62 38.96 55.42 33.30 25.00 47.10 63.50 39.20 30.80 53.10 69.40 2.29 2.29 2.29 2.41 B C D 1.14 1.14 1.14 1.20 27.70 19.20 41.10 57.30 E F |