| データシートサーチシステム |
|
JFA データシート(PDF) 13 Page - JST Mfg. Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
JFA データシート(HTML) 13 Page - JST Mfg. Co., Ltd. |
|
13 / 23 page ![]() 175 JFA CONNECTOR/J320M 23 5 JST 4 X X J-3 1 Keying No. C B A 5.08(.200) Circuit No. Series No. Line No. Keying Glass-filled PBT, UL94V-0, black AB C XX YY XY XX YY XY XX YY XY 6 10 12 F32FMS-06V-KXX F32FMS-06V-KYY F32FMS-06V-KXY F32FMS-10V-KXX F32FMS-10V-KYY F32FMS-10V-KXY F32FMS-12V-KXX F32FMS-12V-KYY F32FMS-12V-KXY 10.16( .400) 10.16( .400) 10.16( .400) 20.32( .800) 20.32( .800) 20.32( .800) 25.40(1.000) 25.40(1.000) 25.40(1.000) 19.24( .757) 19.24( .757) 19.24( .757) 29.40(1.157) 29.40(1.157) 29.40(1.157) 34.48(1.357) 34.48(1.357) 34.48(1.357) 29.16(1.148) 29.16(1.148) 29.16(1.148) 39.32(1.548) 39.32(1.548) 39.32(1.548) 44.40(1.748) 44.40(1.748) 44.40(1.748) 100 100 100 100 100 100 100 100 100 Q'ty / bag Material Circuits Dimensions mm(in.) Model No. Receptacle housing ––––––––––––––––––––––––––––––––––––––––––––––––––––––– 1 2 3 J-320 Circuit No. A 5.08(.200) C Series No. B Keying No. Line No. Keying Glass-filled PBT, UL94V-0, black AB C XX YY XY XX YY XY 6 12 F32MDF-06V-KXX F32MDF-06V-KYY F32MDF-06V-KXY F32MDF-12V-KXX F32MDF-12V-KYY F32MDF-12V-KXY 10.16( .400) 10.16( .400) 10.16( .400) 25.40(1.000) 25.40(1.000) 25.40(1.000) 24.16( .951) 24.16( .951) 24.16( .951) 39.40(1.551) 39.40(1.551) 39.40(1.551) 28.11(1.107) 28.11(1.107) 28.11(1.107) 43.35(1.707) 43.35(1.707) 43.35(1.707) 100 100 100 100 100 100 Q'ty / bag Material Circuits Dimensions mm(in.) Model No. Tab housing (Free hanging type) –––––––––––––––––––––––––––––––––––––––––––– 1 2 3 J-320 Circuit No. 3.6± 0.1(.142 ±.004)dia. 4---0.5(.020)R max. D ±0.05(.002) C A 5.08(.200) 2---3.5(.138) dia. E D Panel layout Connector outline Series No. B Keying No. Line No. Keying Glass-filled PBT, UL94V-0, black AB C D E XX YY XY XX YY XY 6 12 F32MDP-06V-KXX F32MDP-06V-KYY F32MDP-06V-KXY F32MDP-12V-KXX F32MDP-12V-KYY F32MDP-12V-KXY 10.16( .400) 10.16( .400) 10.16( .400) 25.40(1.000) 25.40(1.000) 25.40(1.000) 24.16( .951) 24.16( .951) 24.16( .951) 39.40(1.551) 39.40(1.551) 39.40(1.551) 25.00( .984) 25.00( .984) 25.00( .984) 41.00(1.614) 41.00(1.614) 41.00(1.614) 33.00(1.299) 33.00(1.299) 33.00(1.299) 49.00(1.929) 49.00(1.929) 49.00(1.929) 41.91(1.650) 41.91(1.650) 41.91(1.650) 57.91(2.280) 57.91(2.280) 57.91(2.280) 100 100 100 100 100 100 Q'ty / bag Material Circuits Dimensions mm(in.) Model No. Tab housing (Panel mounting type) –––––––––––––––––––––––––––––––––––––––––– |