| データシートサーチシステム |
|
FME270-461/883 データシート(PDF) 7 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
FME270-461/883 データシート(HTML) 7 Page - Interpoint Corporation Company |
|
7 / 16 page ![]() B8-36 CASE CASE U CASES Materials Header Cold Rolled Steel/Nickel/Gold Cover Kovar/Nickel Pins #52 alloy/Gold compression glass seal Case dimensions in inches (mm) Tolerance ±0.005 (0.13) for three decimal places ±0.01 (0.2) for two decimal places unless otherwise specified CAUTION Heat from reflow or wave soldering may damage the device. Solder pins individually with heat application not exceeding 300 °C for 10 seconds per pin. CASE U TOP VIEW (PIN SIDE) See Figures 55 and 56 for dimensions 1.505 max (38.23) 3.005 (76.33) max. Note: Pins are shown for Case U1. Angled corner indicates pin one FIGURE 54: CASE U MAXIMUM DIMENSIONS |