| データシートサーチシステム |
|
8ST データシート(PDF) 7 Page - SOURIAU-SUNBANK Connection Technologies |
|
|
|||||||||||||||||||||||||||||
8ST データシート(HTML) 7 Page - SOURIAU-SUNBANK Connection Technologies |
|
7 / 64 page ![]() 8LT Series MIL-DTL-38999 Series I 7 © 2013 - SOURIAU A universal product platform: VG96912 & JN1003 8ST Series ► High density - same layouts as 38999 Series I ► Lightweight version of Series I ► Scoop proof, bayonet coupling ► Method of mounting: screws or jam nut ► Shell: Aluminum alloy ► Plating: olive green cadmium or nickel ► VG 96912 German specification ► JN 1003 Typhoon specification A universal product platform: MIL-DTL-38999 38999 Series III: 8D Series ► High density MIL-spec circular (1980’s) ► Scoop proof, fast screw coupling ► Composite light-weight version available ► QPL approved ► Titanium version, light-weight, mechanical and environnemental performances ► Quadrax and Elio version ► Specific versions (clinch nuts, double flange, high power, hermetic, ...) 38999 Series II: 8T Series ► Short version of MIL-DTL-38999 Series I ► Low profile = lightweight ► High density MIL-spec circular (1980’s) ► Non-scoop proof, bayonet coupling ► Method of mounting: screws or jam nut ► Shell: Aluminum alloy ► Plating: cadmium, nickel, hard anodized ► QPL approved ► Numerous layouts |