データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTM4650 データシート(PDF) 8 Page - Analog Devices

部品番号 LTM4650
部品情報  Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

LTM4650 データシート(HTML) 8 Page - Analog Devices

Back Button LTM4650 Datasheet HTML 4Page - Analog Devices LTM4650 Datasheet HTML 5Page - Analog Devices LTM4650 Datasheet HTML 6Page - Analog Devices LTM4650 Datasheet HTML 7Page - Analog Devices LTM4650 Datasheet HTML 8Page - Analog Devices LTM4650 Datasheet HTML 9Page - Analog Devices LTM4650 Datasheet HTML 10Page - Analog Devices LTM4650 Datasheet HTML 11Page - Analog Devices LTM4650 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
LTM4652
8
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
2.5V Dual Phase Single Output
Load Transient Response
(Bulk Output Capacitor)
1.8V Dual Phase Single Output
Load Transient Response
(Bulk Output Capacitor)
TA = 25°C, unless otherwise noted.
100µs/DIV
4652 G13
VOUT (AC)
50mV/DIV
LOAD STEP
10A/DIV
12VIN, 1.8VOUT, 500kHz
25%, 12.5A LOAD STEP-UP AND
STEP-DOWN, 10A/ s SLEW RATE
COUT = 220F ×4 CERAMIC CAP
+ 470F ×2, 2.5V SPCAP
CTHP = 10pF, RTH = 4.65k
CTH = 4700pF, CFF = 10pF
100µs/DIV
4652 G14
VOUT (AC)
50mV/DIV
LOAD STEP
10A/DIV
12VIN, 2.5VOUT, 500kHz
25%, 12.5A LOAD STEP-UP AND
STEP-DOWN, 10A/ s SLEW RATE
COUT = 220F ×4 CERAMIC CAP
+ 470F ×2, 2.5V SPCAP
CTHP = 10pF, RTH = 4.65k
CTH = 4700pF, CFF = 10pF
3.3V Dual Phase Single Output
Load Transient Response
(Bulk Output Capacitor)
100µs/DIV
4652 G15
VOUT (AC)
50mV/DIV
LOAD STEP
10A/DIV
12VIN, 3.3VOUT, 600kHz
25%, 12.5A LOAD STEP-UP AND
STEP-DOWN, 10A/ s SLEW RATE
COUT = 220F ×4 CERAMIC CAP
+ 470F ×2, 6.3V POSCAP
CTHP = 10pF, RTH = 9.09k
CTH = 4700pF, CFF = NONE
5V Dual Phase Single Output
Load Transient Response
(Bulk Output Capacitor)
100µs/DIV
4652 G16
VOUT (AC)
50mV/DIV
LOAD STEP
10A/DIV
12VIN, 5VOUT, 750kHz
25%, 12.5A LOAD STEP-UP AND
STEP-DOWN, 10A/ s SLEW RATE
COUT = 220F ×4 CERAMIC CAP
+ 470F ×2, 6.3V POSCAP
CTHP = 10pF, RTH = 9.09k
CTH = 4700pF, CFF = NONE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com