| データシートサーチシステム |
|
MHE1205SF/ES データシート(PDF) 10 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
MHE1205SF/ES データシート(HTML) 10 Page - Interpoint Corporation Company |
|
10 / 11 page ![]() B8-30 CASE K CASES 0.155 (3.94) 0.955 (24.26) 0.040 dia (1.02) 0.000 0.555 (14.1) 1.115 (28.32) 12 4 5 Flanged cases: Designator required in Case Option position of model number. FMA-461 and FMB-461 EMI Filters: Screening – Standard or ES BOTTOM VIEW CASE K6 0.162 dia (4.11) Solder Seal Solder Tip-off Squared corner and dot on top of case indicate pin one. 3 FIGURE 47: CASE K6 0.155 (3.94) 0.955 (24.26) 0.040 dia (1.02) Solder Seal Solder Tip-off 0.000 1.115 (28.32) 12 6 10 Flanged case: Designator required in Case Option position of model number. MHE Series: Screening – Standard or ES BOTTOM VIEW CASE K7 345 7 8 9 0.555 (14.1) Squared corner and dot on top of case indicate pin one. FIGURE 48: CASE K7 |